Part Number Hot Search : 
EA1532AT FAN5071 DBUR0520 2N5551 V470M MJE2003 WR10K S87C51FB
Product Description
Full Text Search
 

To Download 2SD669A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD669 2SD669A
DESCRIPTION With TO-126 package Complement to type 2SB649/649A High breakdown voltage VCEO:120/160V High current 1.5A Low saturation voltage,excellent hFE linearity APPLICATIONS For low-frequency power amplifier applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL PARAMETER
VCBO
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 180 2SD669 Collector-base voltage Open emitter 2SD669A 2SD669 180 120 Open base 2SD669A 160 Open collector 5 1.5 3 Ta=25ae 1 Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak
UNIT
V
VCEO
V
VEBO IC ICM
V A A
PD
Total power dissipation TC=25ae 20 150 -55~150 ae ae
W
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SD669 IC=10mA; RBE= 2SD669A 2SD669 IC=1m A ;IE=0 2SD669A IE=1mA ;IC=0 IC=0.5A ;IB=50mA IC=150mA ; VCE=5V VCB=160V; IE=0 2SD669 hFE-1 DC current gain IC=150mA ; VCE=5V 2SD669A CONDITIONS
2SD669 2SD669A
SYMBOL
MIN 120
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V 160 180 V 180 5 1.0 1.5 10 60 60 320 200 |I V V V A
V(BR)CBO
Collector-base breakdown voltage
V(BR)EBO VCEsat VBE ICBO
Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current
hFE-2 fT COB
hFE Classifications hFE-1 2SB649 2SB649A B 60-120 60-120
TOR NDU ICO E SEM ANG INCH
DC current gain IC=0.5A ; VCE=5V 30 Transition frequency IC=150mA ; VCE=5V f=1MHz ; VCB=10V 140 14 Collector output capacitance
MHz pF
C 100-200 100-200
D 160-320
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD669 2SD669A
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD669 2SD669A
TOR NDU ICO E SEM ANG INCH
4
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD669 2SD669A
TOR NDU ICO E SEM ANG INCH
5


▲Up To Search▲   

 
Price & Availability of 2SD669A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X